Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2738 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN2738
Description  L6390 half-bridge gate driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2738 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN2738 Datasheet HTML 35Page - STMicroelectronics AN2738 Datasheet HTML 36Page - STMicroelectronics AN2738 Datasheet HTML 37Page - STMicroelectronics AN2738 Datasheet HTML 38Page - STMicroelectronics AN2738 Datasheet HTML 39Page - STMicroelectronics AN2738 Datasheet HTML 40Page - STMicroelectronics AN2738 Datasheet HTML 41Page - STMicroelectronics AN2738 Datasheet HTML 42Page - STMicroelectronics AN2738 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
AN2738
The below-ground voltage on the OUT pin
Doc ID 14589 Rev 2
39/54
11
The below-ground voltage on the OUT pin
A typical phenomenon found in a great number of power applications is the below-ground
voltage experienced by the OUT pin, which sometimes can be very high. Contrary to
common opinion, the real problem of the below-ground voltage is not in the maximum
absolute value of the OUT pin, but rather the voltage on BOOT pin and the over-charging of
the bootstrap capacitance. In the paragraph that follows the root causes of the below-ground
voltages will be explained in detail, and the description of the real
issues which could result
from the phenomenon will be provided.
11.1
The below-ground voltage phenomenon
In power applications using half-bridge topologies and typically driving Ioads with a
significant inductive component, the output of the power half-bridge experiences,
systematically, a below-ground voltage transition, which can be distinct in a dynamic
contribution consisting of a greater undershoot spike and in a static contribution, which is a
below-ground static voltage with lower absolute value (Figure 35b). This phenomenon
occurs when the bridge carries out a so-called hard switching transition towards a low
voltage level and the load current is outgoing (from the bridge to the load). When the high
side switch turns off, the output current tends to remain quite constant due to the inductive
component of the load, and then has to flow through the low side freewheeling diode, which
turns on going from a high voltage reverse condition to a forward condition. It is evident that
until the output bridge voltage has reached the “zero” value, the diode is turned off, so the
output transition is dominated by the high side turn-off commutation. After the output voltage
reaches the zero-voltage level, the diode can turn on and it begins to bring the entire load
current in a very brief time, so the high dIF/dt causes the well-known forward peak voltage,
which is the main contribution to the undershoot spikes. Other contributions to dynamic
below-ground voltage are the spikes due to the high dI/dt experienced by the parasitic
inductances in series with the free-wheeling diode located along the turn-off current path of
the half-bridge (Figure 35).
Figure 35.
below-ground voltages in L6390



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com