Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2738 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2738
Description  L6390 half-bridge gate driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2738 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2738 Datasheet HTML 17Page - STMicroelectronics AN2738 Datasheet HTML 18Page - STMicroelectronics AN2738 Datasheet HTML 19Page - STMicroelectronics AN2738 Datasheet HTML 20Page - STMicroelectronics AN2738 Datasheet HTML 21Page - STMicroelectronics AN2738 Datasheet HTML 22Page - STMicroelectronics AN2738 Datasheet HTML 23Page - STMicroelectronics AN2738 Datasheet HTML 24Page - STMicroelectronics AN2738 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
AN2738
Application example
Doc ID 14589 Rev 2
21/54
8
Application example
A typical scheme for a 3-phase inverter application is shown in Figure 18. In order to drive a
3-phase load as for example a BLDC or Induction AC motor, three L6390 ICs can be used.
Figure 18.
3-phase drive- typical scheme
Each L6390 IC drives one half-bridge of the 3-phase power stage. The three gate drivers
are driven by the controller and the sensing signals coming from the power stage are
managed directly by the L6390 analog blocks (comparators and op-amps) which provide the
proper feedback signals to the ADC and the system controller. Each half-bridge comprises
two power switches such as IGBTs (or MOSFETs), one high side and one low side. When
the high side switch is ON, it brings the output voltage of the half-bridge to the HV bus
voltage, which can be a high DC voltage power supply with large power availability, while the
low side switch shorts the output to power ground voltage when it is ON. Thanks to the
internal floating structure for the high side switch driving, n-type IGBTs (or N-channel
MOSFETs) can be used. The gate drivers work exactly as digital/analog-power interface
between the controller and the power stage. A shunt resistor can be placed between each
low side switch and the power ground, to sense the current on each low side. The
information contained in each current sense signal can be conditioned by the L6390 op-amp
as described in Section 6.
In Figure 19 a more detailed schematic of a 3-phase power stage topology is shown. Note
that usually is recommended (not mandatory) to have some gate resistances between each
power switch gate and the correspondent gate driver output, in order to limit the current
during the gate charge. Then some filtering and/or level shifting RC networks should be
added between the shunt resistors and the correspondent comparator and op-amp input
pins of each gate driver. A unique RC network can be used for the SD pin even if it is
strongly recommended to split the capacitor in three equal components in parallel in order to
3-phase
MOTOR
HV BUS
3-phase
MOTOR
CONTROLLER
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com