Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2785 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2785 Datasheet HTML 9Page - STMicroelectronics AN2785 Datasheet HTML 10Page - STMicroelectronics AN2785 Datasheet HTML 11Page - STMicroelectronics AN2785 Datasheet HTML 12Page - STMicroelectronics AN2785 Datasheet HTML 13Page - STMicroelectronics AN2785 Datasheet HTML 14Page - STMicroelectronics AN2785 Datasheet HTML 15Page - STMicroelectronics AN2785 Datasheet HTML 16Page - STMicroelectronics AN2785 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
AN2785
Application examples
Doc ID 14785 Rev 1
13/51
6
Application examples
6.1
Basic topology: single half-bridge
A typical schematic for one half-bridge is shown in Figure 8.
Figure 8.
Typical schematic of power half-bridge
The half-bridge comprises two power switches such as IGBTs (or MOSFETs), one high-side
and one low-side. When the high-side switch is ON, it brings the output voltage of the half-
bridge to the HV bus voltage, which can be a high DC voltage power supply with large power
availability, while the low-side switch shorts the output to the power ground voltage when it is
ON. Thanks to the internal floating structure for the high-side switch driving, n-type IGBTs
(or n-channel MOSFETs) can be used. The gate driver works exactly like a digital/analog-
power interface between the controller and the power stage. Note that it is usually
recommended (not mandatory) to have some gate resistances between each power switch
gate and the corresponding gate driver output, in order to limit current during the gate
charge.
6.1.1
VCC supply pin
Regarding the VCC pin, a local filtering of the supply voltage very close to the L6393 IC is
recommended. Generally, the suggestion is to use two capacitors, one electrolytic with a
greater value (CVCC1 = 10 µF, for example), which has a great energy capability but also a
non-negligible ESR (so is quite slow in providing the current) and a second smaller ceramic
capacitor (CVCC2 = 100 nF) which has a lower ESR value but a lower energy capability. The
first capacitor works mainly as the bulk energy storage while the second is able to supply the
dynamic current spikes required by the commutations of the device, so is better for high-
frequency decoupling of the IC supply voltage.
PHASE
BRAKE
HVG
H.V.
TO LOAD
OUT
LVG
VBOOT
CP+
CP-
GND
CPOUT
SD
DT
FROM CONTROLLER
FROM CONTROLLER
VCC
33 Ω 0.25W
0 Ω 0.25W
1N4148
33 Ω 0.25W
0 Ω 0.25W
1N4148
100 nF
25V
10 uF
25V
+
15V
+
-
100 nF
25V
STGP10NC60HD
STGP10NC60HD
100 nF
25V
47 kΩ
0.25W
L6393
100 uF
400V
+
RGH_ON
RGH_OFF
RGL_ON
RGL_OFF
DH
DL
HS
LS
CHV
CBOOT
CVCC1
CVCC2
RDT
CDT
FROM CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com