Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2785 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN2785 Datasheet HTML 41Page - STMicroelectronics AN2785 Datasheet HTML 42Page - STMicroelectronics AN2785 Datasheet HTML 43Page - STMicroelectronics AN2785 Datasheet HTML 44Page - STMicroelectronics AN2785 Datasheet HTML 45Page - STMicroelectronics AN2785 Datasheet HTML 46Page - STMicroelectronics AN2785 Datasheet HTML 47Page - STMicroelectronics AN2785 Datasheet HTML 48Page - STMicroelectronics AN2785 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
AN2785
Below-ground voltage on the OUT pin
Doc ID 14785 Rev 1
45/51
The L6393 IC provides the full switching functionality of the high-side section until the level
shifter is operating. Because the two pull-up resistors are connected to the floating supply
VBOOT of the high-side floating section, the driver still works properly if the OUT voltage
begins to go below ground. This means that the operating limit for the level-shifter structure
has to be referred to the absolute value of the BOOT voltage with respect to ground. In fact,
the BOOT voltage can be considered as the supply of the level-shifter block. The minimum
operating value of the level-shifter supply is 5 V, so the VBOOT value must be at least 5 V.
The VBOOT - VOUT voltage can have any value in the range of 12.4 V ÷ 20 V. If the BOOT
voltage is between 0 and 5 V, the functionality of the level shifter is not certain, but internal
structures should not be damaged.
The following section provides some examples.
9.4.1
Steady-state (DC) conditions
When the LVG is OFF, the bootstrap diode only turns on when the BOOT voltage is about
2 V below VCC (worst case: minimum voltage drop value), so it could overcharge the
bootstrap capacitor up to a maximum voltage of about VCC - 2 V - VOUT. In order to not
overcome the value of 20V on the VBOOT - VOUT voltage, the OUT pin could be forced
permanently to the value of VCC - 2 V - 20 V; the L6393 IC would still operate safely, making
the HVG output switching as the HIN logic input.
In any case it must be emphasized, as already explained in the previous paragraph, that in
most applications the static below-ground voltage of the OUT pin is very rarely lower than
approximately - 2 V.
9.4.2
Transient conditions
If the time during which the OUT pin goes below ground is limited, the bootstrap overcharge
will probably not overcome the safe operating range (20 V) of VBOOT - VOUT, even if the
VOUT voltage is lower than the limit of VCC - 2 V - 20 V mentioned in the previous
paragraph. In such a case, the gate driver and the high-side section are fully operational if
the VBOOT voltage remains above 5 V, as explained previously for the proper functioning of
the high-side level shifter. In any case, the logic state is maintained as long as the VBOOT
remains above ground.
Table 3.
Minimum VOUT in DC condition providing safe and full operation of the
high-side section
Example 1
Example 2
Example 3
VCC
12.5
15
17
VBOOT
10.5
13
15
VOUT (min)
-9.5
-7
-5
VBOOT - VOUT (max)
20
20
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com