Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2785 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN2785 Datasheet HTML 37Page - STMicroelectronics AN2785 Datasheet HTML 38Page - STMicroelectronics AN2785 Datasheet HTML 39Page - STMicroelectronics AN2785 Datasheet HTML 40Page - STMicroelectronics AN2785 Datasheet HTML 41Page - STMicroelectronics AN2785 Datasheet HTML 42Page - STMicroelectronics AN2785 Datasheet HTML 43Page - STMicroelectronics AN2785 Datasheet HTML 44Page - STMicroelectronics AN2785 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
AN2785
Below-ground voltage on the OUT pin
Doc ID 14785 Rev 1
41/51
9.3
Issues related to the below-ground voltage phenomenon
The issues resulting from significant below-ground voltages on the OUT pin are not related
to the maximum absolute voltage values that the OUT pin is able to withstand, but related
mainly to the voltage value of the BOOT pin, which is indirectly bound with the OUT pin
voltage. There are two main issues to be carefully taken in consideration, both related to the
absolute maximum ratings of the IC.
●
VBOOT absolute minimum voltage.
●
VBOOT-VOUT absolute maximum voltage.
9.3.1
VBOOT voltage safe operating condition
Electrically, the OUT pin could stand safely below ground of many volts without problems,
but the BOOT pin cannot. The absolute value of the VBOOT voltage must not go steadily
below -0.3 V in order to avoid the turn-on of the built-in junction between the BOOT pin and
the IC gate driver substrate (connected to GND), normally in reverse condition. The turn-on
of this junction could in fact cause a very high current that could in turn cause damage to the
device.
9.3.2
Bootstrap capacitor overcharging
Another important point to consider is the overcharging of the bootstrap capacitor. Even
before the OUT pin approaches the zero voltage value, the bootstrap diode (internal or
external) tends to tie VBOOT close to the VCC supply voltage; since the OUT pin is below
ground, the bootstrap capacitor is overcharged through the current coming from the
bootstrap diode and then the VBOOT - VOUT voltage increases. It is very important that the
bootstrap overcharging does not overcome the recommended maximum value for the
VBOOT - VOUT voltage (see the relevant datasheet), because the high-side floating section of
the gate driver could be damaged.
Note that a significant overcharging of the bootstrap capacitor is really only possible through
the static contribution of the below-ground voltage, because the dynamic below-ground
voltage is very brief and the overcharging transition is limited by the time constant RC of the
bootstrap capacitor and by the overall resistance in series with the bootstrap diode.
Figure 31
shows the overcharging phenomenon in detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com