Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2785 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN2785 Datasheet HTML 42Page - STMicroelectronics AN2785 Datasheet HTML 43Page - STMicroelectronics AN2785 Datasheet HTML 44Page - STMicroelectronics AN2785 Datasheet HTML 45Page - STMicroelectronics AN2785 Datasheet HTML 46Page - STMicroelectronics AN2785 Datasheet HTML 47Page - STMicroelectronics AN2785 Datasheet HTML 48Page - STMicroelectronics AN2785 Datasheet HTML 49Page - STMicroelectronics AN2785 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
Below-ground voltage on the OUT pin
AN2785
46/51
Doc ID 14785 Rev 1
Figure 35.
OUT below-ground voltage in transient conditions: limited boot
overcharging
9.4.3
Below-ground voltage spikes
As explained in the previous section, the dynamic contribution of the below-ground voltage
on the OUT pin does not have enough time to overcharge the bootstrap capacitor. This fact
usually excludes the risk of exceeding the recommended maximum value of 20 V for the
VBOOT -VOUT voltage, but on the other hand it increases the danger of pulling the BOOT pin
down below ground, then violating its absolute minimum rating. As mentioned above, for
safe operation of the IC gate driver, this phenomenon should be avoided. However, note that
applicative bench tests have shown that the L6393 also works with below-ground spikes on
the OUT pin that well exceed -50 V (see Figure 36).
t
VOUT
VCC
0V
VBOOT
VBOOT - VOUT
VBO OT - VOUT
v irtual final v alue
in s t eady st ate
VBGV_stati c
VBGV_spike
VBOOT - VOUT
bef or ov erc harge
VOUT
VBOOT - VOUT
s afe operating
max imum range
(20V )
VBOOT - VOUT
real
overc harge
High side O FF time
HIN
HVG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com