Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2785 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2785
Description  L6393 half bridge gate driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2785 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2785 Datasheet HTML 31Page - STMicroelectronics AN2785 Datasheet HTML 32Page - STMicroelectronics AN2785 Datasheet HTML 33Page - STMicroelectronics AN2785 Datasheet HTML 34Page - STMicroelectronics AN2785 Datasheet HTML 35Page - STMicroelectronics AN2785 Datasheet HTML 36Page - STMicroelectronics AN2785 Datasheet HTML 37Page - STMicroelectronics AN2785 Datasheet HTML 38Page - STMicroelectronics AN2785 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
AN2785
How to increase the gate driver output current capability
Doc ID 14785 Rev 1
35/51
Figure 26.
Example of a gate driving circuit with current buffers to increase current
capability
In the example above, the ST devices STS01DTP06 are dual NPN-PNP complementary
bipolar transistors rated for 1 A current and available in the small SO-8 package. The two
push-pull structures are placed on each gate driving path and must be provided with a
decoupling capacitor very close to the device pins (as shown in Figure 26).
HVG
H.V.
TO LOAD
OUT
LVG
VBOOT
GND
VCC
100 nF
25V
10 uF
25V
+
15V
+
-
100 nF
25V
100 uF
400V
+
VCC
100 nF
25V
STS01DTP06
100 nF
25V
STS01DTP06
Very close to push-pull stage
Very close to push-pull stage
GATE
DRIVER
0-10
Ω
0.25W
0-10
Ω
0.25W
0-10
Ω
0.25W
0-10
Ω
0.25W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com