Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2787 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2787
Description  Monolithic VR demonstration board for chipset
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2787 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2787 Datasheet HTML 5Page - STMicroelectronics AN2787 Datasheet HTML 6Page - STMicroelectronics AN2787 Datasheet HTML 7Page - STMicroelectronics AN2787 Datasheet HTML 8Page - STMicroelectronics AN2787 Datasheet HTML 9Page - STMicroelectronics AN2787 Datasheet HTML 10Page - STMicroelectronics AN2787 Datasheet HTML 11Page - STMicroelectronics AN2787 Datasheet HTML 12Page - STMicroelectronics AN2787 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
AN2787
Bill of material
9/37
2R6, R8
Chip resistor,
0.1 W, 1%
SMD 0603
Standard
120 k
Ω
1R7
Chip resistor,
0.1 W, 1%
SMD 0603
Standard
100 k
Ω
1R9
Chip resistor,
0.1 W, 1%
SMD 0603
Standard
56 k
Ω
1R10
Chip resistor,
0.1 W, 1%
SMD 0603
Standard
180 k
Ω
1R11
Chip resistor,
0.1 W, 1%
SMD 0603
Standard
100 k
Ω
1R12
Chip resistor,
0.1 W, 1%
SMD 0603
Standard
47 k
Ω
3
R32, R33,
R34
Chip resistor,
0.1 W, 1%
SMD 0603
Standard
0
Ω
short
2
R30, R31
Chip resistor,
0.1 W, 1%
SMD 0603
n.m.
2
L1, L3
SMT 11Arms,
9.5 m
Ω
SMD 2827
744312100 /LF
Würth
1.0 µH
1L2
SMT 9 Arms,
10.5 m
Ω
SMD 2827
744312150 /LF
Würth
1.5 µH
1
U1
IC VR - 48-pin
VFQFPN 7x7
PM6641
STMicroelectronics
5
JP1, JP3,
JP4, JP5,
JP6
Header, 3-pin
SIP3
2
JP7, JP8
Header, 2-pin
SIP2
5
TP1, TP2,
TP3, TP4,
TP18
Header, single
pin
13
TP5, TP6,
TP7, TP8,
TP9, TP10,
TP11, TP12,
TP13, TP14,
TP15, TP16,
TP17
Test point
1
SW1
Switch 4-SPST
DIP-8
Standard
Table 1.
PM6641 demonstration board list of components (continued)
Qty Component
Description
Package
Part number
MFR
Value
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com