Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2787 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2787
Description  Monolithic VR demonstration board for chipset
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2787 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2787 Datasheet HTML 29Page - STMicroelectronics AN2787 Datasheet HTML 30Page - STMicroelectronics AN2787 Datasheet HTML 31Page - STMicroelectronics AN2787 Datasheet HTML 32Page - STMicroelectronics AN2787 Datasheet HTML 33Page - STMicroelectronics AN2787 Datasheet HTML 34Page - STMicroelectronics AN2787 Datasheet HTML 35Page - STMicroelectronics AN2787 Datasheet HTML 36Page - STMicroelectronics AN2787 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
AN2787
STEVAL-ISA050V1 evaluation tests
33/37
10.8
SW regulators current limit
Cycle-by-cycle the high-side MOSFET current is monitored and if it's higher than the
programmed current limit, the high-side MOSFET is immediately turned off.
Figure 38.
1.5 V rail output voltage, 1.5 V inductor current and output current, peak
current limit reached
10.9
Soft-end
Each SW regulator, when turned off, performs the output voltage soft-end by turning off the
power MOSFET and turning on the discharge MOSFET. When the output voltage is lower
than about 300 mV, the low-side power MOSFET is turned on. VTTREF and VTT can track
half of VDDQ also during the soft off.
These rails are allowed two different modes of discharge: tracking and nontracking
discharge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com