Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2787 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2787
Description  Monolithic VR demonstration board for chipset
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2787 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2787 Datasheet HTML 25Page - STMicroelectronics AN2787 Datasheet HTML 26Page - STMicroelectronics AN2787 Datasheet HTML 27Page - STMicroelectronics AN2787 Datasheet HTML 28Page - STMicroelectronics AN2787 Datasheet HTML 29Page - STMicroelectronics AN2787 Datasheet HTML 30Page - STMicroelectronics AN2787 Datasheet HTML 31Page - STMicroelectronics AN2787 Datasheet HTML 32Page - STMicroelectronics AN2787 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
AN2787
STEVAL-ISA050V1 evaluation tests
29/37
10.5
Efficiency
Figure 31.
SW regulators efficiency
10.6
Phase management
Figure 32
and 33 show the SW regulators loaded with 1.3 A (VDDQ rail), 1.25 A (1.5 V rail)
and 1.75 A (1.05 V rail). By connecting the SETPH1 pin to AGND or to AVCC the following
two different phase shifts are allowed.
Figure 32.
SW regulators phases, 120 deg phase shift. SETPH1 pin tied to AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com