Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2787 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2787
Description  Monolithic VR demonstration board for chipset
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2787 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2787 Datasheet HTML 9Page - STMicroelectronics AN2787 Datasheet HTML 10Page - STMicroelectronics AN2787 Datasheet HTML 11Page - STMicroelectronics AN2787 Datasheet HTML 12Page - STMicroelectronics AN2787 Datasheet HTML 13Page - STMicroelectronics AN2787 Datasheet HTML 14Page - STMicroelectronics AN2787 Datasheet HTML 15Page - STMicroelectronics AN2787 Datasheet HTML 16Page - STMicroelectronics AN2787 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AN2787
I/O interface
13/37
5
I/O interface
The PM6641 demonstration board has the following test points given in Table 2.
Table 2.
PM6641 demonstration board input/output interface
Test point
Description
VCC (TP5)
+5 V IC supply, positive terminal
LDOIN (TP15)
LDO (VTT) linear regulator input power supply
AUX (TP18)
Auxiliary 3.3 V for pull-up (not required)
AGND (TP6, TP16)
VCC, LDO, VTT and VTTREF common return
VIN (TP7)
Power supply input voltage positive terminal
GND (TP8, TP11, TP13, TP17)
Power supply and switching regulator outputs common return
V1S8 (TP9)
1.8 V (VDDQ) switching regulator output
V1S5 (TP10)
1.5 V switching regulator output
V1S05 (TP12)
1.05 V switching regulator output
VTT (TP14)
LDO (VTT) linear regulator output
VTTREF (TP1)
Voltage reference (VTTREF) buffer output
PG1S8 (TP2)
1.8 V (VDDQ) switching regulator Power Good signal
PG1S5 (TP3)
1.5 V switching regulator Power Good signal
PG1S05 (TP4)
1.05 V switching regulator Power Good signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com