Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2459 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2459
Description  Digital Power Factor Correction for Tube Lamp Ballasts
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2459 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2459 Datasheet HTML 5Page - STMicroelectronics AN2459 Datasheet HTML 6Page - STMicroelectronics AN2459 Datasheet HTML 7Page - STMicroelectronics AN2459 Datasheet HTML 8Page - STMicroelectronics AN2459 Datasheet HTML 9Page - STMicroelectronics AN2459 Datasheet HTML 10Page - STMicroelectronics AN2459 Datasheet HTML 11Page - STMicroelectronics AN2459 Datasheet HTML 12Page - STMicroelectronics AN2459 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
AN2459 - Application note
Power circuits design
9/35
Figure 5.
Input voltage & current measured on STEVAL-ILB002V1 (old EMI filter)
PF = 0.991 THD = 10.4%
Note:
Brown = Mains voltage, Blue = Input current.
Reference board design measurements of STEVAL-ILB002V1(Figure 5) show a THD value
of 10.4% and a PF value of 0.991. Between the manufacturing of the STEVAL-ILB002V1
reference design and publication of this application note, design work has continued and
some improvements have been made. For example, EMI filter parameters have been
changed from C-L-C to C-L filters, which give better results for waveform, power factor, and
THD .This optimized version is given in Figure 7 and result in the measured waveforms
shown in Figure 4 with THD = 10.3% and PF = 0.994.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com