Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2459 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2459
Description  Digital Power Factor Correction for Tube Lamp Ballasts
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2459 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2459 Datasheet HTML 27Page - STMicroelectronics AN2459 Datasheet HTML 28Page - STMicroelectronics AN2459 Datasheet HTML 29Page - STMicroelectronics AN2459 Datasheet HTML 30Page - STMicroelectronics AN2459 Datasheet HTML 31Page - STMicroelectronics AN2459 Datasheet HTML 32Page - STMicroelectronics AN2459 Datasheet HTML 33Page - STMicroelectronics AN2459 Datasheet HTML 34Page - STMicroelectronics AN2459 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
AN2459 - Application note
Components calculation
31/35
An air gap needs to be introduced to prevent the core from saturating because of its high
permeability and to allow an adequate
∆H.
Despite the fact that gap length lgap is only a small per cent of le, the permeability of ferrite is
so high (for power ferrites the typical value of µr is 2500) that it is possible to assume, with
good approximation (
∆H » ∆Hgap), that the whole magnetic field is concentrated in the air
gap. For instance, with an lgap/le value of 1% (which is the minimum suggested value) the
error caused by the above assumption is approximately 4%. The error is smaller if the lgap/le
ratio is larger. As a result, the fringing flux in the air gap region may be neglected and the
energy balance can be re-written as:
The flux density
∆B, is the same throughout the core and the air gap, and is related to the
field strength inside the air gap by the well-known relationship:
Then, taking Ampere's law into account (but applying it only to the air gap region):
it is possible to obtain the following equation from the energy balance equation :
where N is the turn number of the winding.
Because N is defined, it is recommended to check the core saturation. If the core saturation
result is too close to the rated limit, it will be necessary to increase the value of lgap and
make a new calculation.
The wire gauge selection is based on limiting the copper losses to an acceptable value:
Due to the high ripple frequency, the effective wire resistance RCU, increases by skin and
proximity effects. For this reason litz wire or multi-wire solutions are recommended. Finally,
the space occupied by the winding needs to be evaluated. If it does not fit the winding area
of the bobbin, a bigger core set needs to be considered and the winding calculation
repeated. It is also necessary to add an auxiliary winding to the inductor, in order for the
ZCD pin to recognize at what point the current flowing through the inductor has fallen to
zero. The winding is a low cost thin wire and the turn number is the only parameter to be
defined.
2
L • ILpk ≈ ∆Hgap • ∆B • Ae• Igap
∆Β = µ
0 • ∆Hgap
Igap • ∆Hgap ≈ N • ILpk
2
PCU =
• Irms • RCU
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com