Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2459 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2459
Description  Digital Power Factor Correction for Tube Lamp Ballasts
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2459 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2459 Datasheet HTML 1Page - STMicroelectronics AN2459 Datasheet HTML 2Page - STMicroelectronics AN2459 Datasheet HTML 3Page - STMicroelectronics AN2459 Datasheet HTML 4Page - STMicroelectronics AN2459 Datasheet HTML 5Page - STMicroelectronics AN2459 Datasheet HTML 6Page - STMicroelectronics AN2459 Datasheet HTML 7Page - STMicroelectronics AN2459 Datasheet HTML 8Page - STMicroelectronics AN2459 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
AN2459 - Application note
Power Factor Correction (PFC)
5/35
2
Power Factor Correction (PFC)
Theoretically, any switching topology can be used to achieve a high power factor but, in
practice, the boost topology has become the most popular because of the advantages it
offers. These include:
●
Circuit requires the least external parts, thus it is the cheapest available.
●
Boost inductor, located between the bridge and the switch, lowers the input di/dt, thus
minimizing noise generated at the input and consequently reducing the EMI filter input
requirements.
●
Switch is source-grounded and therefore easy to drive.
Three methods of controlling the PFC preregulator are currently widely used. They are:
●
The Fixed Frequency Average Current Mode PWM.
●
The Transition Mode (TM) PWM (fixed on-time, variable frequency).
●
The peak current mode with fixed off-time.
Control of the first method is complicated and requires a sophisticated IC controller (e.g.
either ST's L4981A or ST’s L4981B which offers frequency modulation) and a considerable
component count.
Control of the second method is simpler (e.g. ST's L6561/2/3 family) and requires fewer
external parts. It is therefore much less expensive.
With the Fixed Frequency Average Current Mode method, the boost inductor operates in
continuous conduction mode, while the TM method causes the inductor to work on the
boundary between continuous and discontinuous modes. Thus, for a given throughput
power, TM operation involves higher peak currents, suggesting it is more efficient at lower
power ranges (typically below 200W). In contrast, the Fixed Frequency Average Current
Mode is recommended for higher power levels.
A third method of control, that of applying constant. Toff control, results in continuous
conduction mode. The same simple TM-controllers may be used, as may a small RC
network to set the off-time. This method is described in AN1792 (7) It is optimal for an input
power of between 200 and 400W.
2.1
Transition Mode operation
As mentioned above, the typical PFC topology used in electronic ballasts is a step-up
(boost) regulator (Figure 1) working in transition conduction mode. Figure 2 outlines the
Transition Mode principles. When the MOSFET is turned on, the inductor is charged from
the input voltage source. When the MOSFET is turned off, the boost inductor discharges its
energy into the load until its current falls to zero. When the latter occurs, the boost inductor
has no energy and a zero current (ZCD) signal is detected, due to a demagnetization
change on the auxiliary winding. This drives the MOSFET on again, whereby another
conversion cycle starts. As the drain voltage drops before turn-on, the turn-on switching
losses are minimized. Figure 2 indicates the geometric relationship of average and peak
currents. Due to the triangular shape of the inductor current, the peak current is twice the
average current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com