Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2459 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2459
Description  Digital Power Factor Correction for Tube Lamp Ballasts
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2459 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2459 Datasheet HTML 9Page - STMicroelectronics AN2459 Datasheet HTML 10Page - STMicroelectronics AN2459 Datasheet HTML 11Page - STMicroelectronics AN2459 Datasheet HTML 12Page - STMicroelectronics AN2459 Datasheet HTML 13Page - STMicroelectronics AN2459 Datasheet HTML 14Page - STMicroelectronics AN2459 Datasheet HTML 15Page - STMicroelectronics AN2459 Datasheet HTML 16Page - STMicroelectronics AN2459 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
AN2459 - Application note
Power circuits design
13/35
Table 2.
Bill of material - Lamp Control
Reference
Part
Description
Supplier
Order code
C10
10nF
SMD 0805
C13
100nF
SMD 1206 50V
C14
10n
SMD 0805
C15
100nF
400V open case
C16
10n
1600V
C17
10n
SMD 1206
C18, C21, C22
470n
SMD 0805, 16V
C19
4n7 100V
SMD 1206
C25, C26, C28
10p
SMD 0805
C20
1n
SMD 0805
C23
68n
SMD 0805
D2
STTH1R06
DO-41 ultrafast diode
STMicroelectronics
STTH1R06
D3, D4
1N4148
Not assembled
D6
1N4148
SMD SOD80
D5
BAT46
SOD 323
STMicroelectronics
BAT46J
J2
Connector
ARK500/2
L1
1.8m
COIL
Vogt
SL 041 123 31 02
Q2, Q3
STP5NK60Z
TO 220
STMicroelectronics
STP5NK60Z
R29
1M 200V
SMD 1206
R30
10k
SMD 1206
R19, R21
33
SMD 1206
R20, R22
33
Not assembled
R23
1
1W, SMD 2512, 5%
R24, R42, R43, R44, R45
10k
SMD 0805
R25,R26
4k7
SMD 0805
R27
3k9
SMD 0805
R28
1k5
SMD 0805
R31,R32,R33,
300k
0.6W, THT 0207, 300V
R34,
100k
0.6W, THT 0207, 300V
R35
75k
SMD 1206, 200V
R36
24k
SMD 1206
R40
2k4
0.6W, THT 0207, 300V
R41
2k4
SMD 1206
R37,R38, R39
240k
0.6W, THT 0207, 300V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com