Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2459 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2459
Description  Digital Power Factor Correction for Tube Lamp Ballasts
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2459 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2459 Datasheet HTML 19Page - STMicroelectronics AN2459 Datasheet HTML 20Page - STMicroelectronics AN2459 Datasheet HTML 21Page - STMicroelectronics AN2459 Datasheet HTML 22Page - STMicroelectronics AN2459 Datasheet HTML 23Page - STMicroelectronics AN2459 Datasheet HTML 24Page - STMicroelectronics AN2459 Datasheet HTML 25Page - STMicroelectronics AN2459 Datasheet HTML 26Page - STMicroelectronics AN2459 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
AN2459 - Application note
Signals measurement, processing & control
23/35
4.4
MOSFET current measurement
The main reason for measuring a current flowing through the PFC MOSFET is to prevent
exceeding the maximum current rating and so saturating the boost inductor which results in
damaging components.
The software routines in general are too slow to perform fast reaction. For this reason, only
hardware peripherals are used, and the software is excluded from the detection of over-
current. Two extra features of the ST7LITE19B are important for this protection:
●
the analog comparator;
●
the break function.
The comparator integrated inside the microcontroller (datasheet ST7Lite1xB, 4 section 11.6)
is a general purpose analog comparator with either an external or internal reference. Output
can be seen on an external pin (Port PA7 - pin 11), or as it is in this case used only internally
as an input for the second peripheral - the Break.
The Break function is an emergency shutdown used to stop all PWM outputs (i.e. MOSFET
gate signals). A detailed description of it may be found in the ST7FLITE19B datasheet, 4
section 11.2.3.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com