Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2487 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2487 Datasheet HTML 9Page - STMicroelectronics AN2487 Datasheet HTML 10Page - STMicroelectronics AN2487 Datasheet HTML 11Page - STMicroelectronics AN2487 Datasheet HTML 12Page - STMicroelectronics AN2487 Datasheet HTML 13Page - STMicroelectronics AN2487 Datasheet HTML 14Page - STMicroelectronics AN2487 Datasheet HTML 15Page - STMicroelectronics AN2487 Datasheet HTML 16Page - STMicroelectronics AN2487 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AN2487
Circuit descriptions
13/32
3.3
Power converter operation
The following sections refer to the power converter schematic shown in Figure 6.
ST's L6565 (U3) is a transition-mode peak-current controller that drives the FET (Q1) of a
flyback converter in response to feedback signals from the converter output and a bootstrap
winding.
An excellent description of the converter operation is available in the L6565 datasheet, with
further detail in ST application note AN1326. Additional design examples are shown in
application notes AN1376, AN1439, and AN2252. A design spreadsheet is also available. It
is strongly recommended that the designer consult these resources.
3.3.1
Input filtering
The power converter has a discontinuous input current. The AC component of this current is
supplied locally, by capacitors C3 and C4. C1 and L2 filter the input voltage so that the
power source is not polluted.
3.3.2
Startup
When the converter initially starts, the L6565 controller (U3) runs from the charge on C7.
This charge is quickly depleted, however, and a second power source must start before U3
starves.
One of T3's secondaries is used to bootstrap housekeeping power to the L6565. Pin 12 of
Transformer T3 feeds R11 and D5 to provide enough current for normal operation.
At Q1's first turn-on, current begins to rise linearly (several microseconds) in T3's primary,
pins 2 and 3. The current is sensed by the L6565 as the voltage drop across R6, 7, 8, 10,
and 19. At the threshold set by the L6565 (more about this in Section 3.3.3: Regulation), the
gate drive is removed and the magnetic field generated by T3's primary current is picked up
by its secondaries, and fed to the capacitors C7, C11, C12, and C15. The cycle repeats as
soon as the field stored in the transformer is depleted, repeating until the capacitors are
charged to the desired voltages.
3.3.3
Regulation
Eventually (several milliseconds) the load capacitors charge to the desired voltages. The
voltage on C11 is monitored by U4, and when U4 conducts sufficiently, it turns on
optoisolator ISO1.
On the left side of the isolation barrier, ISO1 pulls down on U3's compensation node (pin 2).
Peak primary current is controlled directly by the error in output voltage of the 3.3 V output,
and inversely by the input voltage. A higher input voltage means that the converter spends
less time charging T3's inductance, resulting in a higher power output for the same peak
current. This is compensated by U3's internal multiplier, which reduces the peak current
setting for higher voltage inputs; so the system gain, current limit and operating point remain
roughly constant.
Divider R3-R4 sets the voltage input to the L6565's multiplier, which is used to compensate
for the faster transformer charge at high voltage. The voltage on pin 2, multiplied by (3 volts
less the voltage on VFF), sets the shutoff point for the primary ramp current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com