Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2487 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2487 Datasheet HTML 19Page - STMicroelectronics AN2487 Datasheet HTML 20Page - STMicroelectronics AN2487 Datasheet HTML 21Page - STMicroelectronics AN2487 Datasheet HTML 22Page - STMicroelectronics AN2487 Datasheet HTML 23Page - STMicroelectronics AN2487 Datasheet HTML 24Page - STMicroelectronics AN2487 Datasheet HTML 25Page - STMicroelectronics AN2487 Datasheet HTML 26Page - STMicroelectronics AN2487 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
AN2487
Electrical characteristics
23/32
The graphs above were run out to 0.8 A to show that loading can be traded off between the
two outputs with very little effect on output voltage. Note, however, that at very light loads the
cross regulation suffers. If light load operation is required, pre-loads may be necessary.
4.7.3
Startup and shutdown
Channel 1 = 12 V output
Channel 2 = 3.3 V output
A slight voltage overshoot is visible as the control loop comes into play. This was not
regarded as serious enough to require correction.
Figure 22.
57 V shutdown full load
Channel 1 = 12 V output
Channel 2 = 3.3 V output
Figure 20.
42 V full load startup
Figure 21.
57 V full load startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com