Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2487 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2487 Datasheet HTML 17Page - STMicroelectronics AN2487 Datasheet HTML 18Page - STMicroelectronics AN2487 Datasheet HTML 19Page - STMicroelectronics AN2487 Datasheet HTML 20Page - STMicroelectronics AN2487 Datasheet HTML 21Page - STMicroelectronics AN2487 Datasheet HTML 22Page - STMicroelectronics AN2487 Datasheet HTML 23Page - STMicroelectronics AN2487 Datasheet HTML 24Page - STMicroelectronics AN2487 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AN2487
Electrical characteristics
21/32
Figure 13.
No load current - DC maintain power signature
Note that most of the no-load current is due to the presence of the two LEDs on the board.
The AC maintain power signature is present by design. Small variations in input voltage will
draw capacitive current from the PD's large input capacitors.
Both the DC and AC maintain power signatures must be present for compliance with the
IEEE specification.
4.5
STHS4257A1 voltage drop under load
The load power was trimmed so that the input current was 350 mA and the voltage drop
between the STSH4257-A-1 Vout (pin 5) and Vin (pin 4) was measured.
Discussion
This represents an efficiency loss of 0.61%, which is quite negligible.
4.6
Input current limit vs. input voltage
The STHS4257A1 chip limits the input current to 350 mA. The power converter current limit
is set just slightly above that level, so that (if desired) the supply can be used at higher load
currents with the source voltage at the high end of its range. At 350 mA and 57 V, with no
Ethernet cable resistance present, the total input power available is almost 20 W.
The converter section's input current limit is flattened over the input voltage range by the
voltage feed-forward scheme. See the L6565 literature for a thorough explanation.
8.8
9
9.2
9.4
9.6
9.8
10
10.2
10.4
10.6
40
45
50
55
60
Input Voltage
Table 5.
Voltage drop under load, worst case input current
IDC measured
V drop measured
Power loss
0.35 A
260 mV
91 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com