Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2487 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2487 Datasheet HTML 18Page - STMicroelectronics AN2487 Datasheet HTML 19Page - STMicroelectronics AN2487 Datasheet HTML 20Page - STMicroelectronics AN2487 Datasheet HTML 21Page - STMicroelectronics AN2487 Datasheet HTML 22Page - STMicroelectronics AN2487 Datasheet HTML 23Page - STMicroelectronics AN2487 Datasheet HTML 24Page - STMicroelectronics AN2487 Datasheet HTML 25Page - STMicroelectronics AN2487 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Electrical characteristics
AN2487
22/32
4.7
Characteristics of entire system
4.7.1
Output vs. input voltage
As can be seen from the figures below, there is almost no sensitivity to input voltage. This is
a characteristic common to all current-mode controlled converters.
4.7.2
Cross regulation
The following graphs should be self-explanatory.
Note that there is almost no variation with input voltage.
Figure 14.
Cross regulation, 42 V In, 12 V at
half load, 3.3 V load varied
Figure 15.
Cross regulation, 42 V In, 3.3 V at
half load, 12 V load varied
0
2
4
6
8
10
12
14
0
0.2
0.4
0.6
0.8
1
3.3V Load, Am ps
12V Output
3.3V Output
0
2
4
6
8
10
12
14
0
0.2
0.4
0.6
0.8
1
12V Load, Am ps
12V Output
3.3V Output
Figure 16.
Cross regulation, 50 V In, 12 V at
half load, 3.3 V load varied
Figure 17.
Cross regulation, 50 V In, 3.3 V at
half load, 12 V load varied
0
2
4
6
8
10
12
14
00.2
0.4
0.6
0.8
1
3.3V Load, Am ps
12V Output
3.3V Output
0
2
4
6
8
10
12
14
0
0.2
0.4
0.6
0.8
1
12V Load, Am ps
12V Output
3.3V Output
Figure 18.
Cross regulation, 57 V In, 12 V at
half load, 3.3 V load varied
Figure 19.
Cross regulation, 57 V In, 3.3 V at
half load, 12 V load varied
0
2
4
6
8
10
12
14
00.2
0.4
0.6
0.8
1
3.3V Load, Am ps
12V Output
3.3V Output
0
2
4
6
8
10
12
14
00.2
0.4
0.6
0.8
1
12V Load, Am ps
12V Output
3.3V Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com