Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2487 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2487 Datasheet HTML 24Page - STMicroelectronics AN2487 Datasheet HTML 25Page - STMicroelectronics AN2487 Datasheet HTML 26Page - STMicroelectronics AN2487 Datasheet HTML 27Page - STMicroelectronics AN2487 Datasheet HTML 28Page - STMicroelectronics AN2487 Datasheet HTML 29Page - STMicroelectronics AN2487 Datasheet HTML 30Page - STMicroelectronics AN2487 Datasheet HTML 31Page - STMicroelectronics AN2487 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Bill of materials
AN2487
28/32
Appendix B
Bill of materials
Table 6.
Bill of materials
Qty
Part type
Designator
Description
Mfg & Mfg #
1
0.1 uF 100 V 1206
C1
Capacitor 0.1 µF 100 V
*
1
4700 pF Y 1812
C10
Capacitor 4700 pF 1 kv
Kemet C1812C472KDRACTU
2
1500 µF 6.3 V
C11,C12
Capacitor 1500 µF 6.3 V
Panasonic EEV-FK0J152P
1
680 µF 16 V
C15
Capacitor 680 µF 16 V
Panasonic EEVFK1C681P
1
3300 pF 0805
C18
Capacitor
*
3
100 µF 63 V
C2,C3,C4
Capacitor 100 µF 63 V
Panasonic EEV-FK1J101P
1
47 µF 25 V
C7
Capacitor 47 µF 25 V
Panasonic EEV-HA1E470P
2
0.1 µF 0805
C8,C19
Capacitor
*
1
0.01 µF 0805
C9
Capacitor
*
3
BRIDGE DIP 1A
D1,D2,D4
1 A dip bridge
Diodes Inc DF1506DICT
1
LED GRN 0805
D10
Lumex SML-LXT0805GW-TR
1
SMAJ58A
D3
Zener diode
STMicroelectronics
1
1N4148W SOD123
D5
Diode
*
1
SMAJ188
D6
Zener diode
STMicroelectronics
1
STPS2L40U
D7
Schottky diode 2 A 40 V
STMicroelectronics
1
STPS3150U
D8
Schottky diode 3 A 150V
STMicroelectronics
1
LED YEL 0805
D9
Lumex SML-LXT0805YW-TR
1
PS2703-1_OPTO
ISO1
Optoisolator SMT
NEC PS2703-1-A
2
RJ45-8 FEMALE
J1,J2
RJ45-8 socket
Tyco-Amp 5557785-1
2
4.7 µH
L1,L2
Inductor
Tyco-COEV DU6629-4R7M
1
STD5N20T4
Q1
STMicroelectronics
1
MMBT5401
Q2
PNP transistor 150 V
*
1
DNI 0805
R1
Classification resistor
Not used, class 0 reported
1
10 5% 0805
R11
*
1
47 k
Ω 5% 0805
R12
*
1
1.00 k
Ω 1% 0805
R13
*
1
2.21 k
Ω 1% 0805
R14
*
1
100 5% 0805
R15
*
1
3.24 k
Ω 1% 0805
R16
*
1
10.0 k
Ω 1% 0805
R17
*
1
100 k
Ω 5% 0805
R2
*
1
4.7 k
Ω 5% 0805
R20
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com