Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2816 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2816
Description  High-efficiency step-down controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2816 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2816 Datasheet HTML 10Page - STMicroelectronics AN2816 Datasheet HTML 11Page - STMicroelectronics AN2816 Datasheet HTML 12Page - STMicroelectronics AN2816 Datasheet HTML 13Page - STMicroelectronics AN2816 Datasheet HTML 14Page - STMicroelectronics AN2816 Datasheet HTML 15Page - STMicroelectronics AN2816 Datasheet HTML 16Page - STMicroelectronics AN2816 Datasheet HTML 17Page - STMicroelectronics AN2816 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Configuration
AN2816
14/36
7
Configuration
The PM6675S demonstration board allows the user to choose the desired mode of
operation using four jumpers (JP1, JP2, JP3 and JP5) and two resistors. Refer to the
following configuration description.
7.1
JP3 fixed or adjustable output voltage (VSEL pin)
The JP3 jumper is used to choose between fixed output voltage (1.5 V) and a user-defined
output voltage in the range 0.6 V to 3.3 V. When connected in the lower position, the fixed
1.5 V output voltage is selected (Figure 9).
If JP3 is in the upper position, the output voltage is given by:
Equation 1
The R8 and R9 resistors are set to 12 k
Ω and 13 kΩ respectively (1.25 V output voltage)
and can be changed by the user.
7.2
JP1 power-saving mode (NOSKIP pin)
The JP1 jumper allows choosing the mode of operation of the switching section. Three
options (forced-PWM, pulse-skip and non-audible pulse-skip) can be selected by changing
the JP1 setting as shown in Figure 10:
Figure 9.
JP3 (VSEL) setting
8
R
9
R
8
R
6
.
0
VOUTADJ
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com