Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2816 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2816
Description  High-efficiency step-down controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2816 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2816 Datasheet HTML 28Page - STMicroelectronics AN2816 Datasheet HTML 29Page - STMicroelectronics AN2816 Datasheet HTML 30Page - STMicroelectronics AN2816 Datasheet HTML 31Page - STMicroelectronics AN2816 Datasheet HTML 32Page - STMicroelectronics AN2816 Datasheet HTML 33Page - STMicroelectronics AN2816 Datasheet HTML 34Page - STMicroelectronics AN2816 Datasheet HTML 35Page - STMicroelectronics AN2816 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
PM6675S demonstration tests
AN2816
32/36
10.9
VOUT current limit
The valley current limit avoids any high-side turn-on if the inductor current is higher than the
programmed value. This current limit can be designed with the following equation:
Equation 2
The current sensing is performed by comparing the voltage drop in the low-side MOSFET,
during the TOFF period, with the voltage drop given by an injected current and the current
limit resistor.
Figure 32.
VOUT current limit protection during a load transient (0 A to 9 A at
2.5 A/
µs, valley current limit programmed at about 9 A (RILIM = 1 kΩ)
pulse-skip mode
I
CL
100
µAR
ILIM
⋅
R
LS DS on
()
,
-------------------------------------
=
AM01031v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com