Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2816 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2816
Description  High-efficiency step-down controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2816 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2816 Datasheet HTML 17Page - STMicroelectronics AN2816 Datasheet HTML 18Page - STMicroelectronics AN2816 Datasheet HTML 19Page - STMicroelectronics AN2816 Datasheet HTML 20Page - STMicroelectronics AN2816 Datasheet HTML 21Page - STMicroelectronics AN2816 Datasheet HTML 22Page - STMicroelectronics AN2816 Datasheet HTML 23Page - STMicroelectronics AN2816 Datasheet HTML 24Page - STMicroelectronics AN2816 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AN2816
PM6675S demonstration tests
21/36
10.2
VOUT working mode
VOUT forced PWM mode
When the forced PWM working mode is selected (JP1 in the upper position), the inductor
current is allowed to become negative and the following waveform can be captured.
Figure 16.
VOUT = 1.5 V, VIN = 12 V, IVOUT = 0 A, forced-PWM mode
AM01015v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com