Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2816 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2816
Description  High-efficiency step-down controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2816 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2816 Datasheet HTML 21Page - STMicroelectronics AN2816 Datasheet HTML 22Page - STMicroelectronics AN2816 Datasheet HTML 23Page - STMicroelectronics AN2816 Datasheet HTML 24Page - STMicroelectronics AN2816 Datasheet HTML 25Page - STMicroelectronics AN2816 Datasheet HTML 26Page - STMicroelectronics AN2816 Datasheet HTML 27Page - STMicroelectronics AN2816 Datasheet HTML 28Page - STMicroelectronics AN2816 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
AN2816
PM6675S demonstration tests
25/36
10.4
VOUT and LOUT load transient responses
Load transient responses are evaluated by loading VOUT and LOUT output rails with a
current slew rate of 2.5 A/µs. In this test the switching section VOUT works in pulse-skip
mode and directly supplies the linear regulator.
Figure 21.
VOUT load transient (VIN = 12 V,
LOAD = 0 A to 8 A at 2.5 A/
µs),
pulse-skip mode
Figure 22.
VOUT load transient (VIN = 12 V,
LOAD = 8 A to 0 A at 2.5 A/
µs),
pulse-skip mode
AM01020v1
AM01021v1
Figure 23.
LOUT load transient (VIN = 12 V, LOAD = 1.8 A to 1.85 A at 2.5 A/µs),
pulse-skip mode
AM01022v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com