Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2816 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2816
Description  High-efficiency step-down controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2816 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2816 Datasheet HTML 18Page - STMicroelectronics AN2816 Datasheet HTML 19Page - STMicroelectronics AN2816 Datasheet HTML 20Page - STMicroelectronics AN2816 Datasheet HTML 21Page - STMicroelectronics AN2816 Datasheet HTML 22Page - STMicroelectronics AN2816 Datasheet HTML 23Page - STMicroelectronics AN2816 Datasheet HTML 24Page - STMicroelectronics AN2816 Datasheet HTML 25Page - STMicroelectronics AN2816 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
PM6675S demonstration tests
AN2816
22/36
●
VOUT pulse-skip mode
The default working mode is the pulse-skip algorithm, in which the low-side MOSFET is
turned off when the inductor current becomes equal to zero. This behavior allows reaching
the maximum efficiency.
Figure 17.
VOUT = 1.5 V, VIN = 12 V, IVOUT = 0 A, pulse-skip mode
AM01016v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com