Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2841 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2841
Description  This application note deals with the general principles of LED dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2841 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2841 Datasheet HTML 9Page - STMicroelectronics AN2841 Datasheet HTML 10Page - STMicroelectronics AN2841 Datasheet HTML 11Page - STMicroelectronics AN2841 Datasheet HTML 12Page - STMicroelectronics AN2841 Datasheet HTML 13Page - STMicroelectronics AN2841 Datasheet HTML 14Page - STMicroelectronics AN2841 Datasheet HTML 15Page - STMicroelectronics AN2841 Datasheet HTML 16Page - STMicroelectronics AN2841 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
AN2841
Dimming application using an STM32 microcontroller
13/31
Once the brightness data is determined, the repetitive dimming procedure needs only to
take the prepared data and send it to the LED driver.
Figure 11 shows the calculation time of the algorithm.
Figure 11.
Static lookup table time consumption with 166 kHz - 333 kHz LE signal
Accurate LE timing and the dimming part running in the application background are
necessary requirements for a successful application. These targets can be achieved using
the following methods:
Single interrupt
Single interrupt with DMA
Interrupt + DMA + interrupt
3.1.3
Single interrupt
The simplest approach is to use a timer interrupt approach where only a timer interrupt is
required for the data transfer timing. This approach which does not require direct memory
access (DMA) is designed for microcontrollers without DMA capability.
Except for pattern loading, SPI data transfer and Latch Enable generation, the code must
also contain the TX buffer Empty Flag test. This test must be taken into account if you
compute the total time necessary for all dimming operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com