Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2841 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2841
Description  This application note deals with the general principles of LED dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2841 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2841 Datasheet HTML 13Page - STMicroelectronics AN2841 Datasheet HTML 14Page - STMicroelectronics AN2841 Datasheet HTML 15Page - STMicroelectronics AN2841 Datasheet HTML 16Page - STMicroelectronics AN2841 Datasheet HTML 17Page - STMicroelectronics AN2841 Datasheet HTML 18Page - STMicroelectronics AN2841 Datasheet HTML 19Page - STMicroelectronics AN2841 Datasheet HTML 20Page - STMicroelectronics AN2841 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
AN2841
Dimming application using an STM32 microcontroller
17/31
3.1.5
Interrupt + DMA + interrupt
Figure 14 shows that data from the previous transfer is latched during the current timer
interrupt which causes several problems. The algorithm is more complicated in this case.
A slightly different approach that has no impact on the system can be used: it is obtained by
generating the LE pulse when the DMA transfer is complete instead of generating it on
a timer interrupt. The LE pulse is generated at the DMA transfer complete interrupt as
shown in Figure 15.
Figure 15.
Timer interrupt + DMA transfer + DMA interrupt
Figure 16 shows the waveform of the outbound signals from the microcontrollers controlling
the LED drivers. An example of the C code implementation of the timer routine is given
below. A detailed description follows the example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com