Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2841 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2841
Description  This application note deals with the general principles of LED dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2841 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2841 Datasheet HTML 1Page - STMicroelectronics AN2841 Datasheet HTML 2Page - STMicroelectronics AN2841 Datasheet HTML 3Page - STMicroelectronics AN2841 Datasheet HTML 4Page - STMicroelectronics AN2841 Datasheet HTML 5Page - STMicroelectronics AN2841 Datasheet HTML 6Page - STMicroelectronics AN2841 Datasheet HTML 7Page - STMicroelectronics AN2841 Datasheet HTML 8Page - STMicroelectronics AN2841 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
AN2841
Description of LED dimming
5/31
2
Description of LED dimming
There are two categories of LED dimming:
Analog: Uses a linear device to set the current flow through the LED.
Advantages: Absence of digital noise; a simple implementation.
Limitations: Color shift, low dynamics.
Digital: Uses a switch to set nominal or zero current flow through the LED.
Advantages: Accurate and fast color control.
Limitations: The presence of digital noise and necessity to use a frequency high
enough to prevent flickering; a complex implementation.
This document focuses on digital dimming and the use of PWM (pulse width modulation) in
common applications.
When using PWM for lighting applications, the following rules must be kept in mind:
For the LED light to be seen as non-flickering by the human eye, in most cases the
PWM frequency must be higher than 100 Hz.
The LED light brightness depends on the PWM duty cycle. The brightness depends on
the resolution of the PWM duty cycle.
Figure 1.
PWM signal with 16 steps of possible voltage values
Using a 4-bit PWM resolution, there can be 16 different light intensity (energy) values.
Concerning color applications, 16 million (256 × 256 × 256) colors can be reached using
tricolor LEDs with an 8-bit dimming resolution for each single color LED.
Step: 0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 0
1 ...
TPWM
AM00341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com