Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2841 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2841
Description  This application note deals with the general principles of LED dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2841 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2841 Datasheet HTML 19Page - STMicroelectronics AN2841 Datasheet HTML 20Page - STMicroelectronics AN2841 Datasheet HTML 21Page - STMicroelectronics AN2841 Datasheet HTML 22Page - STMicroelectronics AN2841 Datasheet HTML 23Page - STMicroelectronics AN2841 Datasheet HTML 24Page - STMicroelectronics AN2841 Datasheet HTML 25Page - STMicroelectronics AN2841 Datasheet HTML 26Page - STMicroelectronics AN2841 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
AN2841
Dimming application using an STM32 microcontroller
23/31
More examples of TotalTime for different number of LEDs and PWM resolution can be seen
in Table 6.
Table 6 shows the time required for processing one PWM step, one buffer load and one
buffer latch. With an 8-bit PWM resolution, 256 buffer latches are needed; the maximum LE
(Latch Enable) frequency must be divided by 256. These results are shown in Table 7.
.
Table 7 shows the maximum refresh frequencies for controlled LEDs. But the inverse
computation must be used to solve our task. Table 8 shows the inversion of the Table 7
values and gives the required refresh frequency. The LE frequency must be derived and the
SysTick timer preload value (SysTick-preload-value) set to generate the LE pulse by
generating an interrupt at every counter reload event.
Table 7 and Table 8 show that SysTick-reload-frequency will be set between 25.6 kHz and
371.7 kHz according to requested PWM resolution and LED count.
The STM32 SysTick timer uses a reference clock of 72 MHz when set to the maximum
value. The interrupt period for this timer is the SysTick-preload-value multiplied by 1 / (72
000 000).
The reference clock of STM32 evaluation board is set to 48 MHz for the USB to operate
correctly. This value should be taken into the account while making measurements on this
evaluation board as their computation will influence Equation 3 .
The reference clock can be also divided by 8 by using the hardware divider. The divided
reference clock is then 9 MHz. In this case, the interrupt period for this timer is equal to
a preload value multiplied by 1 / (9 000 000).
Preload value = requested SysTick interrupt time / reference period
Preload value = reference frequency / requested SysTick interrupt frequency.
Table 6.
TotalTime necessary for requested dimming parameters
LEDs
PWM
TotalTime
Max. LE frequency
8
8-bit
2.25 + 0.055 × 8 = 2.69 µs
371.7 kHz
8
12-bit
2.25 + 0.055 × 8 = 2.69 µs
371.7 kHz
672
8-bit
2.25 + 0.055 × 672 = 39.21 µs
25.5 kHz
Table 7.
Maximum refresh rate
LEDs
PWM
Max. LE frequency
Max. refresh rate
8
8-bit
371.7 kHz
1452 Hz
8
12-bit
371.7 kHz
90.7 Hz
672
8-bit
25.5 kHz
99.6 Hz
Table 8.
SysTick-reload-time for 100 Hz
LEDs
PWM
Requested refresh rate
SysTick-reload-time
8
8-bit
100 Hz
39 µs (25.6 kHz)
8
12-bit
90.7 Hz
2.7 µs (371.7 kHz)
672
8-bit
100 Hz
39 µs (25.6 kHz)
32
8-bit
100 Hz
39 µs (25.6 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com