Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2841 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2841
Description  This application note deals with the general principles of LED dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2841 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2841 Datasheet HTML 21Page - STMicroelectronics AN2841 Datasheet HTML 22Page - STMicroelectronics AN2841 Datasheet HTML 23Page - STMicroelectronics AN2841 Datasheet HTML 24Page - STMicroelectronics AN2841 Datasheet HTML 25Page - STMicroelectronics AN2841 Datasheet HTML 26Page - STMicroelectronics AN2841 Datasheet HTML 27Page - STMicroelectronics AN2841 Datasheet HTML 28Page - STMicroelectronics AN2841 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
AN2841
Achieved values
25/31
4
Achieved values
Dynamic computing takes a lot of time and 120 Hz can be reached only for 32 LEDs. In
addition, no other foreground or background tasks can be performed during computation.
As a consequence, this solution is recommended only for simple applications that use only
a few diodes. For other more complicated applications, it is recommended to use the lookup
table approach using a single interrupt only or interrupt + DMA (if DMA is available).
The LED brightness resolution is limited by the size of the lookup table (Table 10). For every
level of brightness, you need a single string of zeros and ones for all the LEDs.
From Figure 13, the maximum refresh frequency can be computed. The time between two
interrupts is 6 µs. This is a refresh rate for one brightness level, for 32 LEDs, 166 kHz.
Table 11. shows the possible refresh rates for whole brightness depth and different LED
count.
Table 10.
Lookup table size (full and reduced)
Bit depth
LEDs
Lookup table size: i × 2n
Reduced table size(1): i × n
1.
Values indicates the maximum size.
832
256 × 4 = 1 kB
32 × 4 = 128 B
12
32
4096 × 4 = 16 kB
32 × 4 = 128 B
8
128
256 × 16 = 4 kB
128 × 16 = 2 kB
12
128
4096 × 16 = 64 kB
128 × 16 = 2 kB
8
512
256 × 64 = 16 kB
256 × 64 = 16 kB
12
512
4096 × 64 = 256 kB
512 × 64 = 32 kB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com