Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2941 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 9Page - STMicroelectronics AN2941 Datasheet HTML 10Page - STMicroelectronics AN2941 Datasheet HTML 11Page - STMicroelectronics AN2941 Datasheet HTML 12Page - STMicroelectronics AN2941 Datasheet HTML 13Page - STMicroelectronics AN2941 Datasheet HTML 14Page - STMicroelectronics AN2941 Datasheet HTML 15Page - STMicroelectronics AN2941 Datasheet HTML 16Page - STMicroelectronics AN2941 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AN2941
Efficiency measurement
Doc ID 15447 Rev 4
13/37
2
Efficiency measurement
EPA rev. 2.0 external power supply compliance
Table 1
shows the no-load consumption and the overall efficiency, measured at the nominal
mains voltages. As shown, these values are fully compliant with the EPA rev 2.0 external
power supply limits, requiring an average efficiency higher than 87% for output load
between 25% and 100% of the nominal load and no-load consumption lower than
500 mW.
In particular at no load the power consumption is very low, in fact at 230 Vac,
it is just 136 mW and at 115 Vac it is 83 mW.
EPA rev. 4.0 computers power supply compliance
Different from the previous EPS regulation, the “EPA rev. 4.0 computers” requires a
minimum efficiency higher than 80%, measured at 20%, 50% and 100% of nominal load. In
Table 2
the comparison of the overall efficiency measurements with the “EPA rev. 4.0
computers” requirements is given.
Additionally, the “EPA rev.4.0 computers” document poses specific limitations to the
maximum consumption of computers during standby mode, sleep mode and idle state but
this is not sufficient to deduce the required power supply efficiency because the load applied
during these states is not indicated. This information comes from computer manufacturer
Table 1.
Overall efficiency compared to “EPA rev. 2.0 EPS”
Notes
230 V-50 Hz
115 V-60 Hz
EPA2
Vout
[V]
Iout
[mA]
Pout
[W]
Pin
[W]
Eff.
Vout
[V]
Iout
[mA]
Pout
[W]
Pin
[W]
Eff.
No-load consumption
19.08 0.00
0.00
0.136
------
19.09 0.00
0.00
0.083
------
<0.5W
Pass
25% load eff.
19.12
980
18.73 22.37 83.7% 19.10
983
18.76 21.50 87.3% 87.0%
50% load eff.
19.13 1960 37.50 42.87 87.5% 19.11 1963 37.52 42.12 89.1% 87.0%
75% load eff.
19.16 2936 56.23 63.31 88.8% 19.13 2942 56.26 63.33 88.8% 87.0%
100% load eff.
19.15 3917 75.01 84.07 89.2% 19.14 3920 75.00 85.26 88.0% 87.0%
Average active load eff.
87.3%
88.3% 87.0%
Pass
Table 2.
Overall efficiency compared to “EPA rev. 4.0 computers”
Notes
230 V-50 Hz
115 V-60 Hz
EPA4
Vout
[V]
Iout
[mA]
Pout
[W]
Pin
[W]
Eff.
Vout
[V]
Iout
[mA]
Pout
[W]
Pin
[W]
Eff.
20% load Eff.
19.12
785
15.02
18.17
82.6%
19.10
785
14.99
17.39
86.2%
80.0%
PASS
50% load Eff.
19.13
1960
37.50
42.87
87.5%
19.11
1963
37.52
42.12
89.1%
80.0%
PASS
100% load Eff.
19.15
3917
75.01
84.07
89.2%
19.14
3920
75.00
85.26
88.0%
80.0%
PASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com