Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2941 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 25Page - STMicroelectronics AN2941 Datasheet HTML 26Page - STMicroelectronics AN2941 Datasheet HTML 27Page - STMicroelectronics AN2941 Datasheet HTML 28Page - STMicroelectronics AN2941 Datasheet HTML 29Page - STMicroelectronics AN2941 Datasheet HTML 30Page - STMicroelectronics AN2941 Datasheet HTML 31Page - STMicroelectronics AN2941 Datasheet HTML 32Page - STMicroelectronics AN2941 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Des.
Part type / part value
Description
Supplier
Case style / package
R39
56K
SMD standard film res - 1/8W - 1% - 100ppm/°C
Vishay
0805
R42
16K
SMD standard film res - 1/4W - 1% - 100ppm/°C
Vishay
1206
R45
2K2
SMD standard film res - 1/8W - 5% - 250ppm/°C
Vishay
0805
R46
33R
SMD standard film res - 1/8W - 5% - 250ppm/°C
Vishay
0805
R47
100K
SMD standard film res - 1/8W - 5% - 250ppm/°C
Vishay
0805
R48
4K7
SMD standard film res - 1/8W - 1% - 100ppm/°C
Vishay
0805
R49
24K
SMD standard film res - 1/8W - 1% - 100ppm/°C
Vishay
0805
R50
2K7
SFR25 axial stand. film res - 0.4W - 5% - 250ppm/°C
Vishay
PTH
R51
1K0
SMD standard film res - 1/8W - 5% - 250ppm/°C
Vishay
0805
R52
0R47
SFR25 axial stand. film res - 0.4W - 5% - 250ppm/°C
Vishay
PTH
R53
0R33
SFR25 axial stand. film res - 0.4W - 5% - 250ppm/°C
Vishay
PTH
R54
560K
SMD standard film res - 1/8W - 5% - 250ppm/°C
Vishay
0805
R55
22R
SMD standard film res - 1/4W - 5% - 250ppm/°C
Vishay
1206
R57
1K
SMD standard film res - 1/4W - 5% - 250ppm/°C
Vishay
1206
R58
M57703
Thermistor - B57703M103G
EPCOS
DWG
R59
12K
SFR25 axial stand. film res - 0.4W - 1% - 100ppm/°C
Vishay
PTH
R62
4K7
SMD standard film res - 1/4W - 1% - 100ppm/°C
Vishay
1206
R63
100K
SMD standard film res - 1/4W - 1% - 100ppm/°C
Vishay
1206
R65
22K
SMD standard film res - 1/8W - 1% - 100ppm/°C
Vishay
0805
R66
3R9
SMD standard film res - 1/4W - 5% - 250ppm/°C
Vishay
1206
R67
12K
SMD standard film res - 1/8W - 1% - 100ppm/°C
Vishay
0805
R68
220K
SMD standard film res - 1/4W - 1% - 100ppm/°C
Vishay
1206
R69
1K0
SMD standard film res - 1/4W - 1% - 100ppm/°C
Vishay
1206
R75
1K8
SMD standard film res - 1/8W - 5% - 250ppm/°C
Vishay
0805
R76
4K7
SMD standard film res - 1/8W - 5% - 250ppm/°C
Vishay
0805
Table 6.
Bill of material (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com