Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2941 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 17Page - STMicroelectronics AN2941 Datasheet HTML 18Page - STMicroelectronics AN2941 Datasheet HTML 19Page - STMicroelectronics AN2941 Datasheet HTML 20Page - STMicroelectronics AN2941 Datasheet HTML 21Page - STMicroelectronics AN2941 Datasheet HTML 22Page - STMicroelectronics AN2941 Datasheet HTML 23Page - STMicroelectronics AN2941 Datasheet HTML 24Page - STMicroelectronics AN2941 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
AN2941
Functional check
Doc ID 15447 Rev 4
21/37
HV startup circuit turns on and begins to operate periodically in order to keep VCC between
VCCON and VCCON-0.5 V (Figure 21) maintaining the IC latched.
If R37 is shorted, the impedance externally connected to pin #15 (VFF) is lower and the
voltage in case of OVP cannot reach the 5+2VBE threshold, so the L6566A restarts after
VCC has dropped below 5 V (Figure 22). In case of L6566A OVP intervention, the L6563S
operation is also stopped because the L6566A stops the PFC via the Vcc_PFC pin.
Additionally, to improve the immunity against temporary disturbances (needed for example
in case of immunity tests), an internal logic activates the protection after the OVP has been
detected for 4 consecutive switching cycles.
Figure 20.
Flyback open loop at 230 V-50 Hz
half load
Figure 21.
Flyback open loop at 230 V-50 Hz
half load
CH1: VFF voltage
CH2: Vcc
CH3: ZCD voltage
CH4: Output voltage
CH1: VFF voltage
CH2: Vcc
CH3: ZCD voltage
CH4: Output voltage
Figure 22.
Flyback open loop - restart option 230 Vac 50 Hz - half load
CH1: VFF voltage
CH2: Vcc
CH3: ZCD voltage
CH4: Output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com