Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2941 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 18Page - STMicroelectronics AN2941 Datasheet HTML 19Page - STMicroelectronics AN2941 Datasheet HTML 20Page - STMicroelectronics AN2941 Datasheet HTML 21Page - STMicroelectronics AN2941 Datasheet HTML 22Page - STMicroelectronics AN2941 Datasheet HTML 23Page - STMicroelectronics AN2941 Datasheet HTML 24Page - STMicroelectronics AN2941 Datasheet HTML 25Page - STMicroelectronics AN2941 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Functional check
AN2941
22/37
Doc ID 15447 Rev 4
In the following table the output voltage at OVP intervention are given. The measures
therefore demonstrate that, as previously explained, the L6566A sensing technique provides
a very stable OVP intervention threshold over the entire mains voltage and load ranges.
Table 4.
Output voltage at OVP intervention vs. input voltage and output power
Input voltage
Output power
Output voltage at
OVP intervention
115 V
75 W
20.45 V
115 V
35 W
20.36 V
115 V
0 W
20.74 V
230 V
75 W
20.61 V
230 V
35 W
20.55 V
230 V
0 W
20.83 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com