Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2941 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 19Page - STMicroelectronics AN2941 Datasheet HTML 20Page - STMicroelectronics AN2941 Datasheet HTML 21Page - STMicroelectronics AN2941 Datasheet HTML 22Page - STMicroelectronics AN2941 Datasheet HTML 23Page - STMicroelectronics AN2941 Datasheet HTML 24Page - STMicroelectronics AN2941 Datasheet HTML 25Page - STMicroelectronics AN2941 Datasheet HTML 26Page - STMicroelectronics AN2941 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
AN2941
Thermal map
Doc ID 15447 Rev 4
23/37
5
Thermal map
In order to check the design reliability, a thermal mapping by means of an IR camera was
done. Figure 23 and 24 show the thermal measures of the board, component side, at
nominal input voltage. Some pointers visible on the pictures have been placed across key
components or components showing high temperature. The ambient temperature during
both measurements was 27 °C.
All other components of the board are working within the temperature limits, assuring a
reliable long-term operation of the power supply.
Figure 23.
Thermal map at 115 Vac-60 Hz - full load
Figure 24.
Thermal map at 230 Vac-50 Hz - full load
Table 5.
Thermal maps reference points
Point
Reference
Description
A
D6
Output rectifier
B
T1
Flyback power transformer
C
D4A
Flyback transformer clamping transil
D
Q5
Flyback switch
E
D2
Input bridge rectifier
F
Q2
PFC switch
 
°C
90.0
81.3
72.5
63.8
55.0
46.3
37.5
28.8
20.0
 
°C
90 .0
81 .3
72 .5
63 .8
55 .0
46 .3
37 .5
28 .8
20 .0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com