Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2950 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 9Page - STMicroelectronics AN2950 Datasheet HTML 10Page - STMicroelectronics AN2950 Datasheet HTML 11Page - STMicroelectronics AN2950 Datasheet HTML 12Page - STMicroelectronics AN2950 Datasheet HTML 13Page - STMicroelectronics AN2950 Datasheet HTML 14Page - STMicroelectronics AN2950 Datasheet HTML 15Page - STMicroelectronics AN2950 Datasheet HTML 16Page - STMicroelectronics AN2950 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AN2950
Testing the board
Doc ID 15494 Rev 1
13/37
2.3
Burst mode and output voltage ripple
When the load is so low that the voltage at the FB pin falls below the internal threshold
VFBbm (0.6 V typical), the VIPer28 is disabled. At this point, the feedback’s reaction to the
stop of energy delivery makes the FB voltage increase again, and when it goes 100 mV
above the VFBbm threshold the device restarts switching. This results in a controlled on/off
operation referred to as "burst mode" and is shown in the figures below, which report the
output voltage ripple and the feedback voltage when the converter is not or only lightly
loaded and supplied with 115 VAC and 230 VAC respectively. This mode of operation keeps
the frequency-related losses low when the load is very light or disconnected and makes it
easier to comply with energy-saving regulations.
Figure 13.
Output voltage ripple 115 VIN_AC full
load
Figure 14.
Output voltage ripple 230 VIN_AC full
load
Figure 15.
Output voltage ripple at 115 VIN_AC
no load
Figure 16.
Output voltage ripple at 230 VIN_AC
no load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com