Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2950 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 19Page - STMicroelectronics AN2950 Datasheet HTML 20Page - STMicroelectronics AN2950 Datasheet HTML 21Page - STMicroelectronics AN2950 Datasheet HTML 22Page - STMicroelectronics AN2950 Datasheet HTML 23Page - STMicroelectronics AN2950 Datasheet HTML 24Page - STMicroelectronics AN2950 Datasheet HTML 25Page - STMicroelectronics AN2950 Datasheet HTML 26Page - STMicroelectronics AN2950 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
AN2950
Testing the board
Doc ID 15494 Rev 1
23/37
With faults like the ones described, the second OCP protection of the VIPer28 stops the
operation after two switching cycles, thus avoiding high currents in both the primary and
secondary windings and through the power section of the VIPer28 itself. Figure 33 shows
the operation when a permanent short-circuit is applied on the secondary winding. Most of
the time the power section of the VIPer28 is off, eliminating any risk of overheating.
2.8
Output overvoltage protection
During the power MOSFET’s off time, the voltage generated by the auxiliary winding tracks
the converter's output voltage through the transformer’s auxiliary-to-secondary turn ratio.
The diode D2 is forward biased, and the voltage divider made up by R14 and R3 (see
Figure 2 and Figure 36) between the auxiliary winding and the CONT pin performs an
output voltage monitor function: if the voltage applied to the CONT pin exceeds the internal
VOVP threshold (3 V typical) for four consecutive switching cycles, the controller recognizes
an overvoltage condition and shuts down the converter. This is done to provide high noise
immunity and avoid that spikes erroneously trip the protection. To re-enable operation the
VDD voltage has to be recycled.
Figure 36.
OVP circuit
Figure 34.
Operating with secondary winding
shorted. Steady state
Figure 35.
Operating with secondary winding
shorted. Steady state (zoom)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com