Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2950 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 18Page - STMicroelectronics AN2950 Datasheet HTML 19Page - STMicroelectronics AN2950 Datasheet HTML 20Page - STMicroelectronics AN2950 Datasheet HTML 21Page - STMicroelectronics AN2950 Datasheet HTML 22Page - STMicroelectronics AN2950 Datasheet HTML 23Page - STMicroelectronics AN2950 Datasheet HTML 24Page - STMicroelectronics AN2950 Datasheet HTML 25Page - STMicroelectronics AN2950 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Testing the board
AN2950
22/37
Doc ID 15494 Rev 1
2.7
Second OCP protection
The VIPer28 is provided with a first adjustable level of primary overcurrent limitation that
switches off the power MOSFET if this level is exceeded. This limitation acts cycle by cycle,
and its main purpose is to limit the maximum deliverable output power. A second level of
primary overcurrent protection is also present, which is not adjustable but fixed to 1.2 A
(typical value). If the drain peak current exceeds this second overcurrent protection
threshold, the device enters a warning state. If, during the next on time of the power
MOSFET, the second level of overcurrent protection is exceeded again, the device assumes
that a secondary winding short-circuit or a hard saturation of the transformer is occurring
and stops the PWM activity. To re-enable the operation, the VDD pin voltage has to be
recycled, which means that VDD has to go down to VDD(RESTART), then rise up to VDDon. At
this point the MOSFET restarts switching. If the cause of activation of the second
overcurrent protection is still present, the protection is tripped again and the system works in
auto-restart mode, resuming normal operation as soon as the cause of the fault is removed
and the VDD recycled.
This protection has been tested in different operating conditions, short-circuiting the output
diode. The following figures show the behavior of the system during these tests.
Figure 30.
OLP: steady-state, short removal
and restart
Figure 31.
OLP: restart after short removal
(zoom)
Figure 32.
Second OCP protection tripping
Figure 33.
Operating with secondary winding
shorted. Restart mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com