Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2950 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 24Page - STMicroelectronics AN2950 Datasheet HTML 25Page - STMicroelectronics AN2950 Datasheet HTML 26Page - STMicroelectronics AN2950 Datasheet HTML 27Page - STMicroelectronics AN2950 Datasheet HTML 28Page - STMicroelectronics AN2950 Datasheet HTML 29Page - STMicroelectronics AN2950 Datasheet HTML 30Page - STMicroelectronics AN2950 Datasheet HTML 31Page - STMicroelectronics AN2950 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Testing the board
AN2950
28/37
Doc ID 15494 Rev 1
2.11
EMI measurements
A pre-compliant test to the EN55022 (class B) European norm has been performed using an
EMC analyzer and a LISN.
First of all, an average measurement of the background noise (board disconnected from the
mains) has been performed and is reported in Figure 46.
Figure 46.
Average measurement of background noise (board disconnected from
mains)
The average EMC measurements at 115 Vac/full load and 230 Vac/full load have then been
performed and the results are shown in Figure 47 and Figure 48 respectively.
Table 19.
Temperature of key components at 115 VAC full load
Point
Temperature (in oC)
Reference
A
66.6
D4 (output diode)
B
51.7
VIPer28LN
C
65.2
Dz (zener diode)
D
38.4
BR1 (Diode bridge)
E
38.9
D3 (clamp diode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com