Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2950 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 17Page - STMicroelectronics AN2950 Datasheet HTML 18Page - STMicroelectronics AN2950 Datasheet HTML 19Page - STMicroelectronics AN2950 Datasheet HTML 20Page - STMicroelectronics AN2950 Datasheet HTML 21Page - STMicroelectronics AN2950 Datasheet HTML 22Page - STMicroelectronics AN2950 Datasheet HTML 23Page - STMicroelectronics AN2950 Datasheet HTML 24Page - STMicroelectronics AN2950 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
AN2950
Testing the board
Doc ID 15494 Rev 1
21/37
As the voltage on the feedback pin reaches the VFBolp threshold (4.8 V typical), the VIPer28
stops switching (see Figure 27) and is not allowed to switch again until the VDD voltage has
fallen below VDD(RESTART) (4.5 V typical) and risen again up to VDDon (14 V typical, see
Figure 26 and Figure 30).
If the short-circuit is not removed, the protection is tripped again and the system works in
auto-restart mode (see Figure 26, 28 and 30).
If the overload disappears, the converter resumes working normally at the first VDD
recycling, as shown in Figure 30 and 31.
C7 is needed because usually the value of the C6 capacitor, coming from the loop stability
calculations, is too small to ensure an OLP delay time long enough to bypass the initial
output voltage transient at start-up. The value of C7 can be sufficiently high to provide the
needed delay, and the value of R12 chosen so that the R12-C7 pole does not affect the
stability of the loop.
During an overload the converter is operated at a very low duty cycle, being the MOSFET
kept in the off state for most of the time. This results in a very low average power throughput,
which is safe for the power elements in this condition.
Figure 26.
OLP: output short and protection
tripping
Figure 27.
OLP: output short and protection
tripping (zoom on FB pin voltage)
Figure 28.
OLP: steady state (autorestart
mode)
Figure 29.
OLP: steady state (zoom on FB pin
voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com