Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD22148 Datasheet(PDF) 1 Page - NEC

Part # UPD22148
Description  CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD22148 Datasheet(HTML) 1 Page - NEC

  UPD22148 Datasheet HTML 1Page - NEC UPD22148 Datasheet HTML 2Page - NEC UPD22148 Datasheet HTML 3Page - NEC UPD22148 Datasheet HTML 4Page - NEC UPD22148 Datasheet HTML 5Page - NEC UPD22148 Datasheet HTML 6Page - NEC UPD22148 Datasheet HTML 7Page - NEC UPD22148 Datasheet HTML 8Page - NEC UPD22148 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©
1987
DATA SHEET
MOS INTEGRATED CIRCUIT
The
µPD22100 consists of 16 crosspoint switches organized in 4 rows and 4 columns, and the µPD22148 consists
of 32 crosspoint switches organized in 4 row and 8 columns. Any of the 16 or 32 switches can be selected by applying
appropriate address. The selected crosspoint turns on if during strobe and data In are high and turns off if during
strobe and data In are low.
FEATURES
µPD22100
µPD22148
• 4 × 4 CROSSPOINT SWITCHES
• 4 × 8 CROSSPOINT SWITCHES
• INTERNAL POWER ON RESET FUNCTION
• Including the Level Shifter Circuit
• Low ON-RESISTANCE
• Low ON-RESISTANCE
60
Ω Typ. (VDD = 15 V)
60
Ω Typ. (VDD = 15 V)
• Wide operating temperature Range
• Wide operating temperature Range
−40 °C to +85 °C
−40 °C to +85 °C
ORDERING INFORMATION
Part Number
Package
µPD22100C
16 pin plastic DIP (300 mil)
µPD22100GS
16 pin plastic SOP (300 mil)
µPD22148CA
22 pin plastic shrink DIP (300 mil)
TRUTH TABLE
µPD22100
µPD22100, 22148
Document No. IC-2128 (1st edition)
Date Published March 1997 P
Printed in Japan
CROSSPOINT SWITCH WITH CONTROL MEMORY
CMOS IC
INPUT
S
SELECTED CHANNELS
D C B A
DATA
Y2
L
H
H
H
H
H
H
H
H
H
H
X
L
L
L
L
L
L
L
L
H
H
X
L
L
L
L
L
L
L
L
H
H
X
L
L
L
L
H
H
H
H
H
H
X
L
L
H
H
L
L
H
H
H
H
X
L
H
L
H
L
H
L
H
L
H
Y2
Y2
Y3
Y0
NC
OFF
ON
NC
NC
NC
NC
NC
NC
NC
NC
Y0
NC
NC
OFF
ON
Y0
Y0
Y3
Y1
Y1
Y1
Y1
Y2
Y3
Y3
X1
X2
X3
X0
X0
X1
X2
X3
X1
X0
X1
X2
X3
X0
X2
X3
OFF
ON
NC
NC
OFF
ON
NC
NC
OFF
ON
NC
NC


Similar Part No. - UPD22148

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD22148 RENESAS-UPD22148 Datasheet
272Kb / 18P
MOS INTEGRATED CIRCUIT
1987
UPD22148CA RENESAS-UPD22148CA Datasheet
272Kb / 18P
MOS INTEGRATED CIRCUIT
1987
More results

Similar Description - UPD22148

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Sep-1988
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
Sep-1988
logo
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22101 HARRIS-CD22101 Datasheet
159Kb / 13P
CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
logo
Intersil Corporation
CD74HC22106 INTERSIL-CD74HC22106 Datasheet
68Kb / 9P
QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
January 1999
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Feb-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com