Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3014 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3014
Description  This application note describes the characteristics and the features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3014 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3014 Datasheet HTML 9Page - STMicroelectronics AN3014 Datasheet HTML 10Page - STMicroelectronics AN3014 Datasheet HTML 11Page - STMicroelectronics AN3014 Datasheet HTML 12Page - STMicroelectronics AN3014 Datasheet HTML 13Page - STMicroelectronics AN3014 Datasheet HTML 14Page - STMicroelectronics AN3014 Datasheet HTML 15Page - STMicroelectronics AN3014 Datasheet HTML 16Page - STMicroelectronics AN3014 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AN3014
Functional check
Doc ID 16064 Rev 2
13/29
4
Functional check
Figure 6 and Figure 7 are waveforms relevant to the resonant stage during steady state
operation. The selected switching frequency is approximately 100 kHz in order to achieve a
good trade-off between transformer losses and dimensions. The converter operates above
the resonance frequency. Figure 7 shows the resonant ZVS operation. Both MOSFETs are
turned on when resonant current is flowing through their body diodes and the drain-source
voltage is zero.
In Figure 8, typical waveforms relevant to the secondary side are shown. It can be noted that
the rectifier MOSFETs are switched on and off according to the current flowing through
them. Figure 9 shows the waveforms during startup at 90 Vac and full load. Here, the
sequence of the two stages can be noted: at power-on the L6563H and L6599A VCC
voltages increase up to the turn-on thresholds of the two ICs. The PFC starts and its output
voltage increases from the mains rectified voltage to its nominal value. In the meantime, the
L6599A is kept inactive by the LINE pin (pin 7) until the PFC voltage reaches the set
threshold. Then the resonant starts operating and the output voltage reaches the nominal
level.
Figure 6.
Resonant stage oscillator at
230 V - 50 Hz - full load
Figure 7.
Resonant stage waveforms at
230 V - 50 Hz - full load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com