Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3014 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3014
Description  This application note describes the characteristics and the features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3014 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3014 Datasheet HTML 10Page - STMicroelectronics AN3014 Datasheet HTML 11Page - STMicroelectronics AN3014 Datasheet HTML 12Page - STMicroelectronics AN3014 Datasheet HTML 13Page - STMicroelectronics AN3014 Datasheet HTML 14Page - STMicroelectronics AN3014 Datasheet HTML 15Page - STMicroelectronics AN3014 Datasheet HTML 16Page - STMicroelectronics AN3014 Datasheet HTML 17Page - STMicroelectronics AN3014 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Functional check
AN3014
14/29
Doc ID 16064 Rev 2
Standby and no-load operation
In Figure 10 and Figure 11, some burst-mode waveforms are displayed. As illustrated, both
the L6599A and L6563H operate in burst-mode. In Figure 11 it can be observed that the
PFC and LLC bursts are synchronized.
In Figure 12 and Figure 13 the transitions from full load to no load and vice-versa at
maximum input voltage have been checked. The maximum input voltage has been chosen
because it is the most critical input voltage for transition; in fact, at no load the burst pulses
have the lower repetition frequency and the VCC could drop, causing restart cycles of the
controller. As visible in the images, both transitions are clean and there is no output voltage
or VCC dip.
Figure 8.
Secondary waveforms at
230 V - 50 Hz
Figure 9.
Startup sequencing at
230 V - 50 Hz
Figure 10.
No load operation at
230 V - 50 Hz
Figure 11.
No load operation - detail at
230 V - 50 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com