Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3014 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3014
Description  This application note describes the characteristics and the features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3014 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3014 Datasheet HTML 17Page - STMicroelectronics AN3014 Datasheet HTML 18Page - STMicroelectronics AN3014 Datasheet HTML 19Page - STMicroelectronics AN3014 Datasheet HTML 20Page - STMicroelectronics AN3014 Datasheet HTML 21Page - STMicroelectronics AN3014 Datasheet HTML 22Page - STMicroelectronics AN3014 Datasheet HTML 23Page - STMicroelectronics AN3014 Datasheet HTML 24Page - STMicroelectronics AN3014 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AN3014
Bill of material
Doc ID 16064 Rev 2
21/29
Q4
STP8NM50FP
N-channel power MOSFET
STMicroelectronics
TO-220FP
Q5
BC847C
NPN small signal BJT
Vishay
SOT-23
Q6
BC847C
NPN small signal BJT
Vishay
SOT-23
Q9
BC847C
NPN small signal BJT
Vishay
SOT-23
Q11
STF60N55F3
N-channel power MOSFET
STMicroelectronics
TO-220FP
Q12
STF60N55F3
N-channel power MOSFET
STMicroelectronics
TO-220FP
R1
3.3 M
Ω
SMD film res - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R2
3.3 M
Ω
SMD film res - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R3
1 M
Ω
SMD film res - 1/4 W - 1% - 100 ppm/°C
Vishay
1206
R4
2.2 M
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R5
10
Ω
SMD film res - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R6
NTC 2R5-S237
NTC resistor P/N B57237S0259M000
EPCOS
DWG
R7
1 M
Ω
SMD film res - 1/4 W - 1% - 100 ppm/°C
Vishay
1206
R8
1 M
Ω
SMD film res - 1/4 W - 1% - 100 ppm/°C
Vishay
1206
R9
62 k
Ω
SMD film res - 1/8 W - 1% - 100 ppm/°C
Vishay
0805
R10
27 k
Ω
SMD film res - 1/8 W - 1% - 100 ppm/°C
Vishay
0805
R11
2.2 M
Ω
SMD film res - 1/4 W - 1% - 100 ppm/°C
Vishay
1206
R12
2.2 M
Ω
SMD film res - 1/4 W - 1% - 100 ppm/°C
Vishay
1206
R13
10 k
Ω
SMD film res - 1/4 W - 1% - 100 ppm/°C
Vishay
1206
R14
51 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R15
56 k
Ω
SMD film res - 1/4 W - 1% - 100 ppm/°C
Vishay
1206
R16
4.7 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R17
2.2 k
Ω
SMD film res - 1/4 W - 1% - 100 ppm/°C
Vishay
1206
R18
82 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R19
56 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R21
39
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R22
0.47
Ω
Axial film res - 0.4 W - 5% - 250 ppm/°C
Vishay
PTH
R23
0.82
Ω
Axial film res - 0.4 W - 5% - 250 ppm/°C
Vishay
PTH
R24
1 M
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R25
56
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R26
1 M
Ω
SMD film res - 1/8 W - 1% - 100 ppm/°C
Vishay
0805
R27
470
Ω
SMD film res - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R28
33 k
Ω
SMD film res - 1/8 W - 1% - 100 ppm/°C
Vishay
0805
R29
1.0 k
Ω
SMD film res - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R30
10
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
Table 5.
EVL90WADP-LLCSR demonstration board bill of material (continued)
Des.
Part type/part value
Description
Supplier
Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com