Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3014 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3014
Description  This application note describes the characteristics and the features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3014 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3014 Datasheet HTML 18Page - STMicroelectronics AN3014 Datasheet HTML 19Page - STMicroelectronics AN3014 Datasheet HTML 20Page - STMicroelectronics AN3014 Datasheet HTML 21Page - STMicroelectronics AN3014 Datasheet HTML 22Page - STMicroelectronics AN3014 Datasheet HTML 23Page - STMicroelectronics AN3014 Datasheet HTML 24Page - STMicroelectronics AN3014 Datasheet HTML 25Page - STMicroelectronics AN3014 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Bill of material
AN3014
22/29
Doc ID 16064 Rev 2
R31
15 k
Ω
SMD film res - 1/8 W - 1% - 100 ppm/°C
Vishay
0805
R32
47
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R34
3.3 k
Ω
SMD film res - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R35
180 k
Ω
SMD film res - 1/8 W - 1% - 100 ppm/°C
Vishay
0805
R37
220 k
Ω
SMD film res - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R38
56
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R39
130
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R40
0.0
Ω
SMD film res - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R41
100
Ω
Axial film res-0.4 W - 5% - 250 ppm/°C
Vishay
PTH
R42
4.7 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R43
51
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R44
4.3 k
Ω
SMD film res - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R46
100 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R47
1.0 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R48
100 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R49
39 k
Ω
SMD film res - 1/8 W - 1% - 100 ppm/°C
Vishay
0805
R50
6.2 k
Ω
SMD film res - 1/8 W - 1% - 100 ppm/°C
Vishay
0805
R51
120 k
Ω
SMD film res - 1/8 W - 1% - 100 ppm/°C
Vishay
0805
R53
0.0
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R54
0.0
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R56
18 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R58
100 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R59
100 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R60
10 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R62
4.7 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R63
27
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R64
27
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R65
47 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R66
2.2 k
Ω
SMD film res - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
R68
7.5 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R69
4.7 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R74
3.9 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R75
3.9 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R76
100 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R77
100 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
Table 5.
EVL90WADP-LLCSR demonstration board bill of material (continued)
Des.
Part type/part value
Description
Supplier
Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com