Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3014 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3014
Description  This application note describes the characteristics and the features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3014 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3014 Datasheet HTML 19Page - STMicroelectronics AN3014 Datasheet HTML 20Page - STMicroelectronics AN3014 Datasheet HTML 21Page - STMicroelectronics AN3014 Datasheet HTML 22Page - STMicroelectronics AN3014 Datasheet HTML 23Page - STMicroelectronics AN3014 Datasheet HTML 24Page - STMicroelectronics AN3014 Datasheet HTML 25Page - STMicroelectronics AN3014 Datasheet HTML 26Page - STMicroelectronics AN3014 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AN3014
Bill of material
Doc ID 16064 Rev 2
23/29
R78
33 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R79
150 k
Ω
SMD film res - 1/8 W - 5% - 250 ppm/°C
Vishay
0805
R80
0.0
Ω
SMD film res - 1/4 W - 5% - 250 ppm/°C
Vishay
1206
T1
1860.0025
Resonant power transformer
Magnetica
DWG
U1
L6563H
High voltage startup TM PFC controller STMicroelectronics
SO-16
U3
SFH617A-2
Optocoupler
Infineon
DIP-4
U4
TL431AIZ
Programmable shunt voltage reference
STMicroelectronics
TO-92
U5
SRK2000
Synch. rect. driver for LLC res conv
STMicroelectronics
SO-8
U6
L6599A
Improved HV resonant controller
STMicroelectronics
SO-16
Table 5.
EVL90WADP-LLCSR demonstration board bill of material (continued)
Des.
Part type/part value
Description
Supplier
Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com