Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3288 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3288
Description  The purpose of this application note is to provide an accurate description
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3288 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3288 Datasheet HTML 7Page - STMicroelectronics AN3288 Datasheet HTML 8Page - STMicroelectronics AN3288 Datasheet HTML 9Page - STMicroelectronics AN3288 Datasheet HTML 10Page - STMicroelectronics AN3288 Datasheet HTML 11Page - STMicroelectronics AN3288 Datasheet HTML 12Page - STMicroelectronics AN3288 Datasheet HTML 13Page - STMicroelectronics AN3288 Datasheet HTML 14Page - STMicroelectronics AN3288 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
AN3288
Firmware design
Doc ID 18011 Rev 2
11/27
During the last state, the MCU varies the PWM signal duty cycle only once the event occurs
(braking effort higher than activation level), and the detected deceleration value is higher
than the activation threshold and bounded in a threshold range (see Section 3.3).
The state machine timing has a fundamental importance for synchronizing the data
acquisition from the accelerometer with the data elaboration process. In fact, the state
machine clock has been tailored to acquire a new value, calculate the average with the
previous deceleration values and actuate the light response, all in the same clock cycle. As
the time between two subsequent acquisitions represents a limiting condition for the clock
setting, the state machine clock rate is fixed to 40 Hz by the accelerometer acquisition rate.
Starting from this assumption, the clock rate has been fixed to come to an arrangement
between the MCU performances and the acquisition rate, considering that for a higher
sensor output data rate there is a higher noise introduced in the system.
3.2
Digital filtering
As anticipated, the filtering process is necessary to clean the deceleration signal captured
by the accelerometer AIS326DQ and overlapped to the vibrational noise produced by the
oscillations of a vehicle's mechanical parts. The choice of a suitable digital filter has been
made considering also that it inserts latency in the data elaboration process and this latency
depends on the complexity level of the filter.
A moving (running)-average filter is optimal for this task, mainly for its simplicity to be
implemented and integrated in the data processing flow; the latency of this filter is relatively
low in comparison with other FIR filters, and depends on the samples number to be
averaged out. Before designing the filter, it's important to have a complete modeling of the
vehicle’s dynamic characteristics to understand how the noise affects the acceleration signal
and identify the right number of samples for processing.
After a preliminary analysis on the test vehicle characteristics, a moving (running)-average
filter able to elaborate 10 samples per cycle has been designed. For each cycle, it computes
the average value in an array of 10 elements, subtracting the maximum and the minimum
values.
for( k=0; k<10; ++k)
{
if(k!=9)
Sample_Vector[k] = Sample_Vector[k+1];
else
{
...
/* when new data available, copying in the buffer vector */
Sample_Vector[9] = AIS326DQ_Read_1Axis(OUTX_L);
}
subtotal += Sample_Vector[k];
/* calculation of the max and the min in the buffer vector */
if( Sample_Vector[k] < min ) min = Sample_Vector[k];



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com