Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3288 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3288
Description  The purpose of this application note is to provide an accurate description
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3288 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3288 Datasheet HTML 19Page - STMicroelectronics AN3288 Datasheet HTML 20Page - STMicroelectronics AN3288 Datasheet HTML 21Page - STMicroelectronics AN3288 Datasheet HTML 22Page - STMicroelectronics AN3288 Datasheet HTML 23Page - STMicroelectronics AN3288 Datasheet HTML 24Page - STMicroelectronics AN3288 Datasheet HTML 25Page - STMicroelectronics AN3288 Datasheet HTML 26Page - STMicroelectronics AN3288 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Connectors
J3
Battery
connector
MORS2_S
PHOENIX Contact
1725656
RS
220-4260
J6
CON6
Strip line male
2.54 mm
Any
Any
Connectors
J7
SWIM
connector
CONNECT_S
WIM
ERNI
214012
RS
247-600
J8
CON8
Strip line male
2.54 mm
Any
Any
J9, J10
CON1
TESTPOINT_
S
Keystone Electr.
Digi-Key
5001K-ND
J11
CON4
Strip line
female 2.54
mm
Any
Inductor
L1,L2
82 µH
Ind308_1235
Sumida
CDRH6D28-820NC
Digi-Key
308-1235-1-ND
Resistors
RS1,RS2
1.5
Ω 1% 1/4 W
SMD 1206
Any
RS3,RS4
1
Ω 1% 1/4 W
SMD 1206
Any
R1,R5
2.7 k
Ω 1/8 W
SMD 0805
Any
R2,R6
4.7 k
Ω 1/8 W
SMD 0805
Any
R3,R7
240 k
Ω 1/8 W
SMD 1206
Any
R4,R8
1.3 k
Ω 1/8 W
SMD 0805
Any
Resistors
R9,R10
180
Ω
SMD 0805
Any
Misc.
S1
Power switch
THR (spacing
2.54 mm)
EAO
09 03290 01
RS
204-7865
S2
Reset
PULS4SMD.
Tyco
RS
479-1508
Table 1.
BOM (continued)
Category
Ref.
design
Part / value
Package
Manuf.
Manufacturer’s
ordering code /
orderable part
number
Suppl.
Supplier’s
ordering code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com