Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3288 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3288
Description  The purpose of this application note is to provide an accurate description
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3288 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3288 Datasheet HTML 9Page - STMicroelectronics AN3288 Datasheet HTML 10Page - STMicroelectronics AN3288 Datasheet HTML 11Page - STMicroelectronics AN3288 Datasheet HTML 12Page - STMicroelectronics AN3288 Datasheet HTML 13Page - STMicroelectronics AN3288 Datasheet HTML 14Page - STMicroelectronics AN3288 Datasheet HTML 15Page - STMicroelectronics AN3288 Datasheet HTML 16Page - STMicroelectronics AN3288 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AN3288
Firmware design
Doc ID 18011 Rev 2
13/27
3.3
Thresholds system
The software method realized to control the light actuation and prevent accidental switching
due to harsh road conditions is a thresholds system. The implemented strategy is based on
a system of ranges that identifies four main operation zones based on the deceleration
value. Thanks to the filtering procedure explained in the previous paragraph, the brake lamp
does not flicker noticeably when transitioning between two subsequent braking-level
indications.
For the test vehicle used, the four main operation zones have been identified according to
the following patterns:
No braking
For soft braking: if the deceleration value from an activation threshold is up to 50 % of
the maximum registered value
For medium braking: if the deceleration value is included from 50 % up to 70 % of the
maximum registered value
For strong braking: if the deceleration value is higher than 70 % of the maximum
registered value
Figure 10 shows how this thresholds range works for the state changing.
Figure 10.
Thresholds system diagram
An activation threshold avoids producing a change in the light actuator, if there is a small
change of the deceleration due to external causes; it can be considered as an additional
filter that further preserves the system from the noise introduced by mechanical vibration
due to harsh road conditions.
The thresholds system C algorithm is:
if(acc<thr3)
/* it corresponds to the maximum braking effort */
{
...
TIM1_SetCompare1(PWM3); /* set the PWM duty cycle to 25% */
brk_stat = TRUE;
...
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com